Part Number Hot Search : 
100R2 PCF85 7905T ON2848 M38025E6 IDT74F S12864 SM735K
Product Description
Full Text Search
 

To Download 1825710000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product catalogue | pcb connection systems | pcb terminals | push-in spring connection | lsf-smt 3.5/3.81 | lsf-smt 3.5/180 - 1 - general ordering data order no. 1825710000 part designation lsf-smt3.5/9/180 3.5 sw version pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 9, 180, tube ean 4032248328307 qty. 17 pc(s). system parameters product family system ls conductor connection system push in fitted to pcb reflow solder connection outgoing direction of conductor 180 pitch 3.5 mm pitch in inch 0.138 inch no. of poles 9 fitted by customer no no. of rows 1 solder pin length 3.5 mm dia. of fitting hole 1.1 mm fitting hole tolerance + 0.1 mm no. of solder pins per pole 2 stripping length 8 mm
product catalogue | pcb connection systems | pcb terminals | push-in spring connection | lsf-smt 3.5/3.81 | lsf-smt 3.5/180 - 2 - system parameters l1 in mm 28 mm l1 in inch 1.102 inch electric shock protection to din vde 0470 ip 20 electric shock protection to din vde 0470 safe from finger touch material data insulating material lcp gf colour black colour chart similar to ral 9011 insulating material group iiia flammability class ul 94 v-0 cti >= 175 contact base material copper alloy contact surface tinned storage temperature, min. -25 c storage temperature, max. 55 c connectable conductors clamping range, min. 0.13 mm2 clamping range, max. 1.5 mm2 awg, min. 28 awg, max. 16 o.d. of conductor insulation, max. 2.9 mm solid, min. h05(07) v-u 0.2 mm2 solid, max. h05(07) v-u 1.5 mm2 flexible, min. h05(07) v-k 0.2 mm2 flexible, max. h05(07) v-k 1.5 mm2 with wire end ferrule, acc. to din 46 228/1, min. 0.25 mm2 with wire end ferrule, acc. to din 46 228/1, max. 1.5 mm2 w. plastic collar ferrule, din 46228 pt 4, min. 0.25 mm2 w. plastic collar ferrule, din 46228 pt 4, max. 0.75 mm2 din iec rating data rated current, min. no. pins (tu=20c) 17.5 a rated current, max. no. pins (tu=20c) 16 a rated current, min. no. pins(tu=40c) 17.5 a rated current, max. no. pins (tu=40c) 14 a rated voltage for overvoltage class/pollution severity ii/2 320 v rated voltage for overvoltage class/pollution severity iii/2 160 v rated voltage for overvoltage class/pollution severity iii/3 160 v rated impulse withstand voltage for overvoltage class/pollution severity ii/2 2.5 kv rated impulse withstand voltage for overvoltage class/pollution severity iii/2 2.5 kv rated impulse withstand voltage for overvoltage class/pollution severity iii/3 2.5 kv short-time withstand current resistance 3 x 1s with 80 a
product catalogue | pcb connection systems | pcb terminals | push-in spring connection | lsf-smt 3.5/3.81 | lsf-smt 3.5/180 - 3 - csa rating data rated voltage (use group d) 300 v rated current (use group d) 10 a awg conductor (field wiring), min. 24 awg conductor (field wiring), max. 16 ul 1059 rating data rated voltage (use group d) 300 v rated current (use group d) 10 a awg conductor, min. 24 awg conductor, max. 16 approvals approvals institutes downloads cad library (p-cad format - standard) lsf-smt.lib classifications etim 2.0 nk etim 3.0 ec001284 eclass 4.1 nk eclass 5.0 nk eclass 5.1 nk similar products order no. part designation version 1825640000 lsf-smt3.5/2/180 3.5 sw pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 2, 180, tube 1874510000 lsf-smt3.5/2/180 3.5r pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 2, 180, tape 1870640000 lsf-smt 3.5/2/180 1.5 pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 2, 180, tube 1874490000 lsf-smt3.5/2/180 1.5r pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 2, 180, tape
product catalogue | pcb connection systems | pcb terminals | push-in spring connection | lsf-smt 3.5/3.81 | lsf-smt 3.5/180 - 4 - 1825650000 lsf-smt3.5/3/180 3.5 sw pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 3, 180, tube 1874520000 lsf-smt3.5/3/180 3.5r pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 3, 180, tape 1874300000 lsf-smt3.5/3/180 1.5r pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 3, 180, tape 1870650000 lsf-smt 3.5/3/180 1.5 pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 3, 180, tube 1825660000 lsf-smt3.5/4/180 3.5 sw pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 4, 180, tube 1874540000 lsf-smt3.5/4/180 3.5r pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 4, 180, tape 1870660000 lsf-smt 3.5/4/180 1.5 pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 4, 180, tube 1874280000 lsf-smt3.5/4/180 1.5r pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 4, 180, tape 1825670000 lsf-smt3.5/5/180 3.5 sw pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 5, 180, tube 1874560000 lsf-smt3.5/5/180 3.5r pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 5, 180, tape 1870670000 lsf-smt 3.5/5/180 1.5 pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 5, 180, tube 1874310000 lsf-smt3.5/5/180 1.5r pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 5, 180, tape 1825680000 lsf-smt3.5/6/180 3.5 sw pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 6, 180, tube 1874590000 lsf-smt3.5/6/180 3.5r pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 6, 180, tape 1870680000 lsf-smt 3.5/6/180 1.5 pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 6, 180, tube 1874320000 lsf-smt3.5/6/180 1.5r pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 6, 180, tape 1825690000 lsf-smt3.5/7/180 3.5 sw pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 7, 180, tube 1874600000 lsf-smt3.5/7/180 3.5r pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 7, 180, tape 1870690000 lsf-smt 3.5/7/180 1.5 pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 7, 180, tube 1874340000 lsf-smt3.5/7/180 1.5r pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 7, 180, tape 1825700000 lsf-smt3.5/8/180 3.5 sw pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 8, 180, tube 1874610000 lsf-smt3.5/8/180 3.5r pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 8, 180, tape 1870700000 lsf-smt 3.5/8/180 1.5 pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 8, 180, tube 1874350000 lsf-smt3.5/8/180 1.5r pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 8, 180, tape 1874620000 lsf-smt3.5/9/180 3.5r pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 9, 180, tape 1870710000 lsf-smt 3.5/9/180 1.5 pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 9, 180, tube
product catalogue | pcb connection systems | pcb terminals | push-in spring connection | lsf-smt 3.5/3.81 | lsf-smt 3.5/180 - 5 - 1874370000 lsf-smt3.5/9/180 1.5r pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 9, 180, tape 1825720000 lsf-smt3.5/10/180 3.5 sw pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 10, 180, tube 1874640000 lsf-smt3.5/10/180 3.5r pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 10, 180, tape 1870720000 lsf-smt 3.5/10/180 1.5 pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 10, 180, tube 1874380000 lsf-smt3.5/10/180 1.5r pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 10, 180, tape 1825730000 lsf-smt3.5/11/180 3.5 sw pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 11, 180, tube 1874660000 lsf-smt3.5/11/180 3.5r pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 11, 180, tape 1870730000 lsf-smt 3.5/11/180 1.5 pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 11, 180, tube 1874400000 lsf-smt3.5/11/180 1.5r pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 11, 180, tape 1825740000 lsf-smt3.5/12/180 3.5 sw pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 12, 180, tube 1874680000 lsf-smt3.5/12/180 3.5r pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 12, 180, tape 1870740000 lsf-smt 3.5/12/180 1.5 pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 12, 180, tube 1874420000 lsf-smt3.5/12/180 1.5r pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 12, 180, tape 1870350000 lsf-smt 3.5/13/180 3.5 pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 13, 180, tube 1870750000 lsf-smt 3.5/13/180 1.5 pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 13, 180, tube 1870360000 lsf-smt 3.5/14/180 3.5 pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 14, 180, tube 1870760000 lsf-smt 3.5/14/180 1.5 pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 14, 180, tube 1870370000 lsf-smt 3.5/15/180 3.5 pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 15, 180, tube 1870770000 lsf-smt 3.5/15/180 1.5 pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 15, 180, tube 1870510000 lsf-smt 3.5/16/180 3.5 pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 16, 180, tube 1870790000 lsf-smt 3.5/16/180 1.5 pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 16, 180, tube 1870520000 lsf-smt 3.5/17/180 3.5 pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 17, 180, tube 1870800000 lsf-smt 3.5/17/180 1.5 pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 17, 180, tube 1870540000 lsf-smt 3.5/18/180 3.5 pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 18, 180, tube 1870830000 lsf-smt 3.5/18/180 1.5 pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 18, 180, tube 1870560000 lsf-smt 3.5/19/180 3.5 pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 19, 180, tube
product catalogue | pcb connection systems | pcb terminals | push-in spring connection | lsf-smt 3.5/3.81 | lsf-smt 3.5/180 - 6 - 1870840000 lsf-smt 3.5/19/180 1.5 pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 19, 180, tube 1870570000 lsf-smt 3.5/20/180 3.5 pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 20, 180, tube 1870850000 lsf-smt 3.5/20/180 1.5 pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 20, 180, tube 1870600000 lsf-smt 3.5/21/180 3.5 pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 21, 180, tube 1870860000 lsf-smt 3.5/21/180 1.5 pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 21, 180, tube 1870620000 lsf-smt 3.5/23/180 3.5 pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 23, 180, tube 1870880000 lsf-smt 3.5/23/180 1.5 pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 23, 180, tube 1870610000 lsf-smt 3.5/22/180 3.5 pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 22, 180, tube 1870870000 lsf-smt 3.5/22/180 1.5 pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 22, 180, tube 1870630000 lsf-smt 3.5/24/180 3.5 pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 24, 180, tube 1870890000 lsf-smt 3.5/24/180 1.5 pcb terminal, push in, reflow solder connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 24, 180, tube


▲Up To Search▲   

 
Price & Availability of 1825710000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X